| データシートサーチシステム |
|
VS6624P0LP データシート(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6624P0LP データシート(HTML) 55 Page - STMicroelectronics |
|
55 / 106 page ![]() VL6624/VS6624 Register map 55/106 Pipe setup bank1 Table 14. Pipe setup bank1 Index PipeSetupBank1(1) 0x0400 bImageSize1 # Default value <1> ImageSize_SXGA Purpose required output dimension. Type CODED Possible values <1> ImageSize_SXGA <2> ImageSize_VGA <3> ImageSize_CIF <4> ImageSize_QVGA <5> ImageSize_QCIF <6> ImageSize_QQVGA <7> ImageSize_QQCIF <8> ImageSize_Manual - to use ManualSubSample and ManualCrop controls select Manual mode. 0x0403(MSB) 0x0404(LSB) uwManualHSize1 # Default value 0x00 Purpose if ImageSize_Manual selected, input required manual H size Type UINT16 0x0407(MSB) 0x0408(LSB) uwManualVSize1 # Default value 0x00 Purpose if ImageSize_Manual selected, input required manual V size Type UINT16 0x040b(MSB) 0x040c(LSB) uwZoomStepHSize1 Default value 0x01 Purpose Set the zoom H step Type UINT16 0x040f(MSB) 0x0410(LSB) uwZoomStepVSize1 Default value 0x01 Purpose Set the zoom V step Type UINT16 |