| データシートサーチシステム |
|
VS6624P0LP データシート(PDF) 71 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6624P0LP データシート(HTML) 71 Page - STMicroelectronics |
|
71 / 106 page ![]() VL6624/VS6624 Register map 71/106 Peaking control Table 33. Peaking control Index Peaking control(1) 0x2000 bUserPeakGain Default value 0x0e Purpose controls peaking gain / sharpness applied to the image Type BYTE 0x2002 fDisableGainDamping Default value <0> FALSE Purpose set to disable damping and therefore ensure that the peaking gain applied remains constant under all conditions Type Flag_e Possible values <0> FALSE <1> TRUE 0x2005 (MSByte) 0x2006 (LSByte) fpDamperLowThreshold_Gain Default value 0x62ac (350208) Purpose Low Threshold for exposure for calculating the damper slope - for gain Type FLOAT 0x2009 (MSByte) 0x200a (LSByte) fpDamperHighThreshold_Gain Default value 0x65d1 (10004488) Purpose High Threshold for exposure for calculating the damper slope - for gain Type FLOAT 0x200d (MSByte) 0x200e (LSByte) fpMinimumDamperOutput_Gain Default value 0x3d33 (0.799805) Purpose Minimum possible damper output for the gain. Type FLOAT 0x2010 bUserPeakLoThresh Default value 0x1e Purpose Adjust degree of coring. range: 0 - 63 Type BYTE 0x2012 fDisableCoringDamping Default value <0> FALSE Purpose set to ensure that bUserPeakLoThresh is applied to gain block Type Flag_e Possible values <0> FALSE <1> TRUE |