| データシートサーチシステム |
|
VS6624P0LP データシート(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6624P0LP データシート(HTML) 53 Page - STMicroelectronics |
|
53 / 106 page ![]() VL6624/VS6624 Register map 53/106 0x03b0 bImageFormat0 #(2) Default value <0> ImageFormat_YCbCr_JFIF Purpose select required output image format. Type CODED Possible values <0> ImageFormat_YCbCr_JFIF <1> ImageFormat_YCbCr_Rec601 <2> ImageFormat_YCbCr_Custom - to use custom output select required RgbToYuvOutputSignalRange from 'PipeSetupBank' page. <3> ImageFormat_YCbCr_400 <4> ImageFormat_RGB_565 <5> ImageFormat_RGB_565_Custom - to use custom output select required RgbToYuvOutputSignalRange from 'PipeSetupBank' page. <6> ImageFormat_RGB_444 <7> ImageFormat_RGB_444_Custom - to use custom output select required RgbToYuvOutputSignalRange from 'PipeSetupBank' page. <9> ImageFormat_Bayer10_ThroughVP <10> ImageFormat_Bayer8_CompThroughVP-- to compress bayer data to 8 bits data <11> ImageFormat_Bayer8_TranThroughVP-- to truncate bayer data to 8 bits data 0x03b2 bBayerOutputAlignment0 Default value <4> BayerOutputAlignment_RightShifted Purpose set bayer output alignment Type CODED Possible values <4> BayerOutputAlignment_RightShifted <5> BayerOutputAlignment_LeftShifted 0x03b4 bContrast0 Default value 0x87 Purpose contrast control for both YCbCr and RGB output. Type BYTE 0x03b6 bColourSaturation0 Default value 0x78 Purpose colour saturation control for both YCbCr and RGB output. Type BYTE 0x03b8 bGamma0 Default value 0x0f Purpose gamma settings. Type BYTE Possible values 0 to 31 Table 13. Pipe setup bank0 Index PipeSetupBank0(1) |