| データシートサーチシステム |
|
MPC8309CVMADDC データシート(PDF) 54 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8309CVMADDC データシート(HTML) 54 Page - NXP Semiconductors |
|
54 / 81 page ![]() MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3 54 Freescale Semiconductor Package and Pin Listings 22.3 Pinout Listings Following table shows the pin list of the MPC8309. Table 55. MPC8309 Pinout Listing Signal Terminal Pad Dir Power Supply Notes DDR Memory Controller Interface MEMC_MDQ0 U5 IO GVDD — MEMC_MDQ1 AA1 IO GVDD — MEMC_MDQ2 W3 IO GVDD — MEMC_MDQ3 R5 IO GVDD — MEMC_MDQ4 W2 IO GVDD — MEMC_MDQ5 U3 IO GVDD — MEMC_MDQ6 U2 IO GVDD — MEMC_MDQ7 T3 IO GVDD — MEMC_MDQ8 H3 IO GVDD — MEMC_MDQ9 H4 IO GVDD — MEMC_MDQ10 G3 IO GVDD — MEMC_MDQ11 F3 IO GVDD — MEMC_MDQ12 G5 IO GVDD — MEMC_MDQ13 F4 IO GVDD — MEMC_MDQ14 F5 IO GVDD — MEMC_MDQ15 E3 IO GVDD — MEMC_MDQ16 V4 IO GVDD — MEMC_MDQ17 Y2 IO GVDD — MEMC_MDQ18 Y1 IO GVDD — MEMC_MDQ19 U4 IO GVDD — MEMC_MDQ20 V1 IO GVDD — MEMC_MDQ21 R4 IO GVDD — MEMC_MDQ22 U1 IO GVDD — MEMC_MDQ23 T2 IO GVDD — MEMC_MDQ24 J5 IO GVDD — MEMC_MDQ25 G2 IO GVDD — MEMC_MDQ26 G1 IO GVDD — MEMC_MDQ27 F1 IO GVDD — MEMC_MDQ28 E2 IO GVDD — |