| データシートサーチシステム |
|
MPC8309CVMADDC データシート(PDF) 61 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8309CVMADDC データシート(HTML) 61 Page - NXP Semiconductors |
|
61 / 81 page ![]() MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3 Freescale Semiconductor 61 Package and Pin Listings PCI_REQ_B0 P21 IO OVDD - PCI_REQ_B1/CPCI_HS_ES P22 IO OVDD - PCI_REQ_B2 T22 IO OVDD - PCI_GNT_B0 T21 IO OVDD - PCI_GNT_B1/CPCI_HS_LED U22 O OVDD - PCI_GNT_B2/CPCI_HS_ENUM U21 IO OVDD - M66EN V21 I OVDD - PCI_CLK0 T19 O OVDD - PCI_CLK1 U19 O OVDD - PCI_CLK2 R19 O OVDD - Ethernet Management FEC_MDC W18 O OVDD - FEC_MDIO W17 IO OVDD - FEC/GTM/GPIO FEC1_COL/GTM1_TIN1/GPIO_16 Y18 IO OVDD - FEC1_CRS/GTM1_TGATE1_B/GPIO_17 AA19 IO OVDD - FEC1_RX_CLK[CLK9]/GPIO_18 W16 IO OVDD - FEC1_RX_DV/GTM1_TIN2/GPIO_19 AC22 IO OVDD - FEC1_RX_ER/GTM1_TGATE2_B/GPIO_20 AA18 IO OVDD - FEC1_RXD0/GPIO_21 AB20 IO OVDD - FEC1_RXD1/GTM1_TIN3/GPIO_22 Y17 IO OVDD - FEC1_RXD2/GTM1_TGATE3_B/GPIO_23 AB19 IO OVDD - FEC1_RXD3/GPIO_24 AC21 IO OVDD - FEC1_TX_CLK[CLK10]/GTM1_TIN4/GPIO_25 W15 IO OVDD - FEC1_TX_EN/GTM1_TGATE4_B/GPIO_26 AC19 IO OVDD - FEC1_TX_ER/GTM1_TOUT4_B/GPIO_27 AC20 IO OVDD - FEC1_TXD0/GTM1_TOUT1_B/GPIO_28 AA17 IO OVDD - FEC1_TXD1/GTM1_TOUT2_B/GPIO_29 AC18 IO OVDD - FEC1_TXD2/GTM1_TOUT3_B/GPIO_30 AA16 IO OVDD - FEC1_TXD3/GPIO_31 AB17 IO OVDD - FEC2_COL/GTM2_TIN1/GPIO_32 Y15 IO OVDD - FEC2_CRS/GTM2_TGATE1_B/GPIO_33 AC17 IO OVDD - |