| データシートサーチシステム |
|
AS1181 データシート(PDF) 25 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS1181 データシート(HTML) 25 Page - ams-OSRAM AG |
|
25 / 92 page ![]() AS1181 Functional description Datasheet • PUBLIC • Document Feedback DS001139 • v3-00 • 2026-Apr-01 25 / 92 / 7.1.5 Direct PWM mode (1 PWM input) In direct PWM mode the illumination duration can be controlled by “STROBE1_PWM1” input used as a direct PWM source. If enabled by the PWM_CTR register (Address 0x1A32) bit “pwm_illum_enable” the “STROBE1_PWM1” signal on-time determines the illumination duration. Additionally, “TD_ILLUM register (Address 0x1A00) shows sampled illumination duration. Illumination is still triggered by the rising edge of “STROBE1_PWM1” signal, with latency defined in CH_DLY register (Address 0x1A24) bit “TD_TRIGDLY”. Figure 25: External PWM mode 1 Sampling is continuous and the illumination duration follows the on-time of the “STROBE1_PWM1” signal with TD_TRIGDLY latency. TD_ILLUM register (Address 0x1A00) is updated with newly sampled duration with latency of the one PWM cycle. |