データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS1181 データシート(PDF) 21 Page - ams-OSRAM AG

部品番号 AS1181
部品情報  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSOSRAM [ams-OSRAM AG]
ホームページ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 データシート(HTML) 21 Page - ams-OSRAM AG

Back Button AS1181 Datasheet HTML 17Page - ams-OSRAM AG AS1181 Datasheet HTML 18Page - ams-OSRAM AG AS1181 Datasheet HTML 19Page - ams-OSRAM AG AS1181 Datasheet HTML 20Page - ams-OSRAM AG AS1181 Datasheet HTML 21Page - ams-OSRAM AG AS1181 Datasheet HTML 22Page - ams-OSRAM AG AS1181 Datasheet HTML 23Page - ams-OSRAM AG AS1181 Datasheet HTML 24Page - ams-OSRAM AG AS1181 Datasheet HTML 25Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
AS1181
Functional description
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
21 / 92
/
7.1.3
Illumination sequence & STROBE mode
The illumination sequence always starts in IDLE state when a strobe is asserted.
The strobe will enter state “TRIGGERED” depending on the strobe delay defined in CH_DLY
register (Address 0x1A24) bit “TD_TRIGDLY”. The minimum trigger delay time is 45µs.
The state ILLUM lasts from the first channel that is turned on to the last channel that is turned
off. In STROBE mode the illumination duration is defined internally by the TD_ILLUM register
(Address 0x1A00).
Figure 20: Illumination sequence
7.1.3.1
Stagger delay
Stagger delay is controlled by CH_DLY register (Address 0x1A24) bit “TD_STAGGER” and
allows to add a delay before the next channel group is turned on/off.
Information:
• A group can contain 1 or more channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92