データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS1181 データシート(PDF) 27 Page - ams-OSRAM AG

部品番号 AS1181
部品情報  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSOSRAM [ams-OSRAM AG]
ホームページ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 データシート(HTML) 27 Page - ams-OSRAM AG

Back Button AS1181 Datasheet HTML 23Page - ams-OSRAM AG AS1181 Datasheet HTML 24Page - ams-OSRAM AG AS1181 Datasheet HTML 25Page - ams-OSRAM AG AS1181 Datasheet HTML 26Page - ams-OSRAM AG AS1181 Datasheet HTML 27Page - ams-OSRAM AG AS1181 Datasheet HTML 28Page - ams-OSRAM AG AS1181 Datasheet HTML 29Page - ams-OSRAM AG AS1181 Datasheet HTML 30Page - ams-OSRAM AG AS1181 Datasheet HTML 31Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 92 page
background image
AS1181
Functional description
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
27 / 92
/
7.1.6
Direct PWM mode (2 PWM inputs)
Illumination duration for channels in PWM Mode can also be controlled by the ID2_PWM2
input, which can be used as 2nd PWM input signal.
The mode is enabled by setting pwm_grp_split field in the PWM_CTR register (Address
0x1A32) to the non-zero value.
The value in the field pwm_grp_split is used to split the channels into two groups. The
illumination duration for the channels in the first group is controlled then by the
STROBE1_PWM1 input. The illumination duration for the channels in the second group is
controlled by the ID2_PWM2 input.
Figure 28: External PWM mode with 2 inputs (dual trigger)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92