| データシートサーチシステム |
|
E39-R1 データシート(PDF) 10 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E39-R1 データシート(HTML) 10 Page - Omron Electronics LLC |
|
10 / 38 page ![]() E3X-NH E3X-NH 10 Engineering Data Excess Gain Ratio (Typical) With standard sensing object. • E3X-NHj1 Sensing distance Sensing object E32-TC200 E32-TC200 with E39-F1 E32-T11L E32-T11L with E39-F1 E32-T11L with E39-F2 E32-T11L with E39-F3 E32-T21L E32-T17L Sensing distance (mm) Sensing distance (m) Sensing distance (mm) Sensing distance (m) Sensing distance (mm) Sensing distance (mm) Sensing distance (mm) Sensing distance (m) Sensing distance Sensing distance Sensing distance Sensing distance Sensing distance Sensing distance Sensing distance E32-T16 Sensing distance (m) Sensing distance E32-T11R E32-T21R E32-T14L Sensing distance (mm) Sensing distance E32-T22S E32-T24S Sensing distance (mm) Sensing distance (mm) Sensing distance Sensing distance E32-T84S E32-T54 Sensing distance (mm) Sensing distance Sensing distance (mm) Sensing distance E32-T14F E32-DC200 E32-D11L E32-D21L Sensing distance (mm) Sensing distance (mm) Sensing distance (mm) Sensing distance Sensing distance Sensing object Sensing distance Sensing object Sens- ing ob- ject Sensing distance (mm) Sensing distance Sensing distance Sensing distance (mm) Sensing distance (mm) Sensing distance |