| データシートサーチシステム |
|
E39-R1 データシート(PDF) 25 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E39-R1 データシート(HTML) 25 Page - Omron Electronics LLC |
|
25 / 38 page ![]() E3X-NH E3X-NH 25 E32-T16 Mounting Holes 0.5-mm Wide Slit Seal (Supplied with the Unit in pairs) 1-mm Wide Slit Seal (Supplied with the Unit in pairs) 6 dia. Two, M3 Fiber 2.2 dia. Mounting bracket E39-L4 Two, 3.2 dia. Lens (2 x 10) (PMMA) Black Sensing head (heat-resistive ABS) E32-T16P 0.5-mm-wide Slit Seal (Supplied with the Unit in pairs) 1-mm-wide Slit Seal (Supplied with the Unit in pairs) E32-T16P with E39-L94 (Sold Separately) Mounting Two, 3.2 dia., 6-dia. counter sinking Sensing head (heat-resistive ABS) Optical fiber 2.2-dia. Sensing surface (2 x 11) (PMMA) Two, M3 Sensing head 2.2-dia. fiber E39-L94 Mounting Bracket (Sold Separately) Black Black Black |