| データシートサーチシステム |
|
E39-R1 データシート(PDF) 29 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E39-R1 データシート(HTML) 29 Page - Omron Electronics LLC |
|
29 / 38 page ![]() E3X-NH E3X-NH 29 E32-D32L Sensing head, 3 dia. (stainless) Branching box, 6 dia. (heat-resistive ABS black resin) Light emission fiber (1 dia.) Light reception fiber (sixteen, 0.265 dia.) Optical fibers, two, 2.2 dia. Note: The fiber for the emitter is identified by a yellow dotted line. E32-D24 Light baffle Sensing surface Sensing head (SUS304) 2 dia. 3 dia. Heat-shrinking tubing Optical fibers, two, 1 dia. Two fiber attachments (E39-F9) E32-D14L 6 dia. Sensing head (stainless) Heat-shrinking tubing Optical fiber, two, 2.2 dia. Sensing surface Light baffle E32-D12F Sensing head, 6 dia. Fluoride resin 5 dia. Optical fiber, two, 2.2 dia. E32-D51 Two, 1.5 dia. Two toothed washers Two hexagon clamping nuts Sensing head,M6 x 0.75* Optical fiber, two, 2.2 dia. Note: Resistant temperature is 150 °C. Resistant temperature is 130 °C when used continuously. *nickel-plated brass E32-D61 Note: Section A resists 300 °C and section B (which is inserted to the Amplifier) resists 110°C. The operat- ing temperature of the section to be inserted (marked with *) must be within the operating tempera- ture range of the Amplifier. 1.4 dia. M4 x 0.7 3.5 dia. 5 dia. SUS303 Two hexagon clamping nuts Two toothed washers Sensing head (SUS303) M6 x 0.75 SUS flexible tube Hexagon clamping screw Sleeve (see note) 5 dia. |