| データシートサーチシステム |
|
E39-R1 データシート(PDF) 32 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E39-R1 データシート(HTML) 32 Page - Omron Electronics LLC |
|
32 / 38 page ![]() E3X-NH E3X-NH 32 Slot Sensor E32-G14 Mounting Holes Two, M3 Sensing head (ABS) Lens (PMMA) Optical axis Optical fiber, two, 2.2 dia. Liquid Level Fiber Units Fluid-contact model E32D82F1 F32D82F2 Tube-mounting model E32-L25T 6-dia. sensing head (PTFE) Not bendable: 150 (350)* 9-dia. fiber connector (Nickel plated brass) Optical fiber, two, 2.2 dia.** 8 dia. To amplifier Mounting hole Two 3.2-dia lens (PC) Sensing head (PC) 2,000 (Standard length) Two fiber attachments Optical fiber, two, 1 dia. *: Values in parentheses indicate dimensions for the E32-D82F2. **: The optical fiber on the Amplifier side (2m) is a plastic fiber and can be freely cut. Optical axis Reflector Reflector (Miniature) E39-R3 (Supplied with E32-R21) Reflector E39-R1 (Supplied with E32-R16) Note: Mounting bracket is attached. Adhesive tape Two, M3 Two, 3.5 dia. |