| データシートサーチシステム |
|
E39-R1 データシート(PDF) 13 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E39-R1 データシート(HTML) 13 Page - Omron Electronics LLC |
|
13 / 38 page ![]() E3X-NH E3X-NH 13 Parallel Operating Range (Typical) At max. sensitivity. E32-T11 E32-T21 Set distance X (mm) Set distance X (mm) E32-T14L Set distance X (mm) E32-T21R E32-T17L E32-T12F E32-M21 E32-T51 E32-T61 E32-T22S Set distance X (m) Set distance X (m) Set distance X (mm) Set distance X (mm) Set distance X (mm) Set distance X (mm) E32-T24S E32-T54 E32-T14F Set distance X (mm) Set distance X (mm) Set distance X (mm) E32-T24 E32-T14 Set distance X (mm) Set distance X (mm) Set distance X (mm) E32-T84S Set distance X (mm) • E3X-NHB11 E32-TC200 E32-TC200 + E39-F1 Set distance X (mm) Set distance X (mm) |