| データシートサーチシステム |
|
E39-R1 データシート(PDF) 31 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E39-R1 データシート(HTML) 31 Page - Omron Electronics LLC |
|
31 / 38 page ![]() E3X-NH E3X-NH 31 E32-L25L Sensing head (PC) 6 dia. counter sinking Optical fiber two, 1-dia. Two fiber attachment (E39-F9) Optical axis Sensing head (PC) 6 dia. counter sinking Side view prism (PC) Optical fiber two, 1-dia. E32-L24L Sensing distance Lens, two, 3.2 dia. Lens, two, 3.2 dia. Two, 3.2 Two, 3.2 Two fiber attachment (E39-F9) Fine Through-beam Indicates models that allow free cutting. Models without this mark do not allow free cutting. E32-T22S 3.5 dia. 2 dia. Sensing head (nickel-plated brass) Optical fiber 2.2 dia. Mounting bracket (attachment) Sensing surface E32-T24S 1.7 dia. 3 dia. Sensing head (nickel-plated brass) Optical fiber 2.2-dia. |