| データシートサーチシステム |
|
NRF52810-QFAA-R データシート(PDF) 376 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R データシート(HTML) 376 Page - Nordic Semiconductor |
|
376 / 483 page ![]() Peripherals 6.18.5.1 SHORTS Address offset: 0x200 Shortcut register Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW END_START Shortcut between END event and START task See EVENTS_END and TASKS_START Disabled 0 Disable shortcut Enabled 1 Enable shortcut 6.18.5.2 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW STOPPED Write '1' to Enable interrupt for STOPPED event See EVENTS_STOPPED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW ENDRX Write '1' to Enable interrupt for ENDRX event See EVENTS_ENDRX Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW END Write '1' to Enable interrupt for END event See EVENTS_END Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW ENDTX Write '1' to Enable interrupt for ENDTX event See EVENTS_ENDTX Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW STARTED Write '1' to Enable interrupt for STARTED event See EVENTS_STARTED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 4430_161 v1.0 376 |