| データシートサーチシステム |
|
NRF52810-QFAA-R データシート(PDF) 43 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R データシート(HTML) 43 Page - Nordic Semiconductor |
|
43 / 483 page ![]() Core components 4.5.1.42 CUSTOMER[14] Address offset: 0x0B8 Reserved for customer Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Id RW Field Value Id Value Description A RW CUSTOMER Reserved for customer 4.5.1.43 CUSTOMER[15] Address offset: 0x0BC Reserved for customer Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Id RW Field Value Id Value Description A RW CUSTOMER Reserved for customer 4.5.1.44 CUSTOMER[16] Address offset: 0x0C0 Reserved for customer Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Id RW Field Value Id Value Description A RW CUSTOMER Reserved for customer 4.5.1.45 CUSTOMER[17] Address offset: 0x0C4 Reserved for customer Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Id RW Field Value Id Value Description A RW CUSTOMER Reserved for customer 4.5.1.46 CUSTOMER[18] Address offset: 0x0C8 Reserved for customer 4430_161 v1.0 43 |