| データシートサーチシステム |
|
NRF52810-QFAA-R データシート(PDF) 89 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R データシート(HTML) 89 Page - Nordic Semiconductor |
|
89 / 483 page ![]() Power and clock management Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description C RW DONE Write '1' to Enable interrupt for DONE event See EVENTS_DONE Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW CTTO Write '1' to Enable interrupt for CTTO event See EVENTS_CTTO Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 5.4.3.2 INTENCLR Address offset: 0x308 Disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW HFCLKSTARTED Write '1' to Disable interrupt for HFCLKSTARTED event See EVENTS_HFCLKSTARTED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW LFCLKSTARTED Write '1' to Disable interrupt for LFCLKSTARTED event See EVENTS_LFCLKSTARTED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW DONE Write '1' to Disable interrupt for DONE event See EVENTS_DONE Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW CTTO Write '1' to Disable interrupt for CTTO event See EVENTS_CTTO Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 5.4.3.3 HFCLKRUN Address offset: 0x408 Status indicating that HFCLKSTART task has been triggered 4430_161 v1.0 89 |