| データシートサーチシステム |
|
NRF52810-QFAA-R データシート(PDF) 29 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R データシート(HTML) 29 Page - Nordic Semiconductor |
|
29 / 483 page ![]() Core components Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A Reset 0x0000035D 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 0 1 0 1 1 1 0 1 Id RW Field Value Id Value Description A R A A (slope definition) register 4.4.1.24 TEMP.A3 Address offset: 0x410 Slope definition A3 Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A Reset 0x00000400 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A R A A (slope definition) register 4.4.1.25 TEMP.A4 Address offset: 0x414 Slope definition A4 Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A Reset 0x00000452 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 1 0 1 0 0 1 0 Id RW Field Value Id Value Description A R A A (slope definition) register 4.4.1.26 TEMP.A5 Address offset: 0x418 Slope definition A5 Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A Reset 0x0000037B 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 0 1 1 1 1 0 1 1 Id RW Field Value Id Value Description A R A A (slope definition) register 4.4.1.27 TEMP.B0 Address offset: 0x41C Y-intercept B0 Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A Reset 0x00003FCC 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 1 1 0 0 Id RW Field Value Id Value Description A R B B (y-intercept) 4430_161 v1.0 29 |