| データシートサーチシステム |
|
NRF52810-QFAA-R データシート(PDF) 32 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R データシート(HTML) 32 Page - Nordic Semiconductor |
|
32 / 483 page ![]() Core components 4.4.1.37 TEMP.T4 Address offset: 0x444 Segment end T4 Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A Reset 0x00000050 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1 0 0 0 0 Id RW Field Value Id Value Description A R T T (segment end) register 4.5 UICR — User information configuration registers The user information configuration registers (UICRs) are non-volatile memory (NVM) registers for configuring user specific settings. For information on writing UICR registers, see the NVMC — Non-volatile memory controller on page 18 and Memory on page 15 chapters. 4.5.1 Registers Base address Peripheral Instance Description Configuration 0x10001000 UICR UICR User information configuration Table 9: Instances Register Offset Description 0x000 Reserved 0x004 Reserved 0x008 Reserved 0x010 Reserved NRFFW[0] 0x014 Reserved for Nordic firmware design NRFFW[1] 0x018 Reserved for Nordic firmware design NRFFW[2] 0x01C Reserved for Nordic firmware design NRFFW[3] 0x020 Reserved for Nordic firmware design NRFFW[4] 0x024 Reserved for Nordic firmware design NRFFW[5] 0x028 Reserved for Nordic firmware design NRFFW[6] 0x02C Reserved for Nordic firmware design NRFFW[7] 0x030 Reserved for Nordic firmware design NRFFW[8] 0x034 Reserved for Nordic firmware design NRFFW[9] 0x038 Reserved for Nordic firmware design NRFFW[10] 0x03C Reserved for Nordic firmware design NRFFW[11] 0x040 Reserved for Nordic firmware design NRFFW[12] 0x044 Reserved for Nordic firmware design NRFFW[13] 0x048 Reserved for Nordic firmware design NRFFW[14] 0x04C Reserved for Nordic firmware design NRFHW[0] 0x050 Reserved for Nordic hardware design NRFHW[1] 0x054 Reserved for Nordic hardware design NRFHW[2] 0x058 Reserved for Nordic hardware design NRFHW[3] 0x05C Reserved for Nordic hardware design NRFHW[4] 0x060 Reserved for Nordic hardware design 4430_161 v1.0 32 |