| データシートサーチシステム |
|
NRF52810-QFAA-R データシート(PDF) 30 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R データシート(HTML) 30 Page - Nordic Semiconductor |
|
30 / 483 page ![]() Core components 4.4.1.28 TEMP.B1 Address offset: 0x420 Y-intercept B1 Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A Reset 0x00003F98 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 0 0 1 1 0 0 0 Id RW Field Value Id Value Description A R B B (y-intercept) 4.4.1.29 TEMP.B2 Address offset: 0x424 Y-intercept B2 Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A Reset 0x00003F98 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 0 0 1 1 0 0 0 Id RW Field Value Id Value Description A R B B (y-intercept) 4.4.1.30 TEMP.B3 Address offset: 0x428 Y-intercept B3 Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A Reset 0x00000012 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 1 0 Id RW Field Value Id Value Description A R B B (y-intercept) 4.4.1.31 TEMP.B4 Address offset: 0x42C Y-intercept B4 Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A Reset 0x0000004D 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 1 1 0 1 Id RW Field Value Id Value Description A R B B (y-intercept) 4.4.1.32 TEMP.B5 Address offset: 0x430 Y-intercept B5 4430_161 v1.0 30 |