| データシートサーチシステム |
|
NRF52810-QFAA-R データシート(PDF) 73 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R データシート(HTML) 73 Page - Nordic Semiconductor |
|
73 / 483 page ![]() Power and clock management RAM1 power control set register When read, this register will return the value of the POWER register. Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id D C B A Reset 0x0000FFFF 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Id RW Field Value Id Value Description A W S0POWER Keep RAM section S0 of RAM1 on or off in System ON mode On 1 On B W S1POWER Keep RAM section S1 of RAM1 on or off in System ON mode On 1 On C W S0RETENTION Keep retention on RAM section S0 when RAM section is switched off On 1 On D W S1RETENTION Keep retention on RAM section S1 when RAM section is switched off On 1 On 5.3.9.14 RAM[1].POWERCLR Address offset: 0x918 RAM1 power control clear register When read, this register will return the value of the POWER register. Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id D C B A Reset 0x0000FFFF 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Id RW Field Value Id Value Description A W S0POWER Keep RAM section S0 of RAM1 on or off in System ON mode Off 1 Off B W S1POWER Keep RAM section S1 of RAM1 on or off in System ON mode Off 1 Off C W S0RETENTION Keep retention on RAM section S0 when RAM section is switched off Off 1 Off D W S1RETENTION Keep retention on RAM section S1 when RAM section is switched off Off 1 Off 5.3.9.15 RAM[2].POWER Address offset: 0x920 RAM2 power control register 4430_161 v1.0 73 |