| データシートサーチシステム |
|
NRF52810-QFAA-R データシート(PDF) 124 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R データシート(HTML) 124 Page - Nordic Semiconductor |
|
124 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description D RW CROSS Write '1' to Enable interrupt for CROSS event See EVENTS_CROSS Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.5.3.4 INTENCLR Address offset: 0x308 Disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW READY Write '1' to Disable interrupt for READY event See EVENTS_READY Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW DOWN Write '1' to Disable interrupt for DOWN event See EVENTS_DOWN Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW UP Write '1' to Disable interrupt for UP event See EVENTS_UP Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW CROSS Write '1' to Disable interrupt for CROSS event See EVENTS_CROSS Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.5.3.5 RESULT Address offset: 0x400 Compare result 4430_161 v1.0 124 |