| データシートサーチシステム |
|
NRF52810-QFAA-R データシート(PDF) 136 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R データシート(HTML) 136 Page - Nordic Semiconductor |
|
136 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled H RW TRIGGERED7 Write '1' to Disable interrupt for TRIGGERED[7] event See EVENTS_TRIGGERED[7] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled I RW TRIGGERED8 Write '1' to Disable interrupt for TRIGGERED[8] event See EVENTS_TRIGGERED[8] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled J RW TRIGGERED9 Write '1' to Disable interrupt for TRIGGERED[9] event See EVENTS_TRIGGERED[9] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled K RW TRIGGERED10 Write '1' to Disable interrupt for TRIGGERED[10] event See EVENTS_TRIGGERED[10] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled L RW TRIGGERED11 Write '1' to Disable interrupt for TRIGGERED[11] event See EVENTS_TRIGGERED[11] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled M RW TRIGGERED12 Write '1' to Disable interrupt for TRIGGERED[12] event See EVENTS_TRIGGERED[12] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled N RW TRIGGERED13 Write '1' to Disable interrupt for TRIGGERED[13] event See EVENTS_TRIGGERED[13] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled O RW TRIGGERED14 Write '1' to Disable interrupt for TRIGGERED[14] event See EVENTS_TRIGGERED[14] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled P RW TRIGGERED15 Write '1' to Disable interrupt for TRIGGERED[15] event See EVENTS_TRIGGERED[15] Clear 1 Disable Disabled 0 Read: Disabled 4430_161 v1.0 136 |