| データシートサーチシステム |
|
NRF52810-QFAA-R データシート(PDF) 150 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R データシート(HTML) 150 Page - Nordic Semiconductor |
|
150 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id f e d c b a Z Y X W V U T S R Q P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description Low 0 Pin input is low High 1 Pin input is high D R PIN3 Pin 3 Low 0 Pin input is low High 1 Pin input is high E R PIN4 Pin 4 Low 0 Pin input is low High 1 Pin input is high F R PIN5 Pin 5 Low 0 Pin input is low High 1 Pin input is high G R PIN6 Pin 6 Low 0 Pin input is low High 1 Pin input is high H R PIN7 Pin 7 Low 0 Pin input is low High 1 Pin input is high I R PIN8 Pin 8 Low 0 Pin input is low High 1 Pin input is high J R PIN9 Pin 9 Low 0 Pin input is low High 1 Pin input is high K R PIN10 Pin 10 Low 0 Pin input is low High 1 Pin input is high L R PIN11 Pin 11 Low 0 Pin input is low High 1 Pin input is high M R PIN12 Pin 12 Low 0 Pin input is low High 1 Pin input is high N R PIN13 Pin 13 Low 0 Pin input is low High 1 Pin input is high O R PIN14 Pin 14 Low 0 Pin input is low High 1 Pin input is high P R PIN15 Pin 15 Low 0 Pin input is low High 1 Pin input is high Q R PIN16 Pin 16 Low 0 Pin input is low High 1 Pin input is high R R PIN17 Pin 17 Low 0 Pin input is low High 1 Pin input is high S R PIN18 Pin 18 Low 0 Pin input is low High 1 Pin input is high 4430_161 v1.0 150 |