| データシートサーチシステム |
|
NRF52810-QFAA-R データシート(PDF) 220 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R データシート(HTML) 220 Page - Nordic Semiconductor |
|
220 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id f e d c b a Z Y X W V U T S R Q P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description Enabled 1 Read: channel enabled Clear 1 Write: disable channel D RW CH3 Channel 3 enable clear register. Writing '0' has no effect Disabled 0 Read: channel disabled Enabled 1 Read: channel enabled Clear 1 Write: disable channel E RW CH4 Channel 4 enable clear register. Writing '0' has no effect Disabled 0 Read: channel disabled Enabled 1 Read: channel enabled Clear 1 Write: disable channel F RW CH5 Channel 5 enable clear register. Writing '0' has no effect Disabled 0 Read: channel disabled Enabled 1 Read: channel enabled Clear 1 Write: disable channel G RW CH6 Channel 6 enable clear register. Writing '0' has no effect Disabled 0 Read: channel disabled Enabled 1 Read: channel enabled Clear 1 Write: disable channel H RW CH7 Channel 7 enable clear register. Writing '0' has no effect Disabled 0 Read: channel disabled Enabled 1 Read: channel enabled Clear 1 Write: disable channel I RW CH8 Channel 8 enable clear register. Writing '0' has no effect Disabled 0 Read: channel disabled Enabled 1 Read: channel enabled Clear 1 Write: disable channel J RW CH9 Channel 9 enable clear register. Writing '0' has no effect Disabled 0 Read: channel disabled Enabled 1 Read: channel enabled Clear 1 Write: disable channel K RW CH10 Channel 10 enable clear register. Writing '0' has no effect Disabled 0 Read: channel disabled Enabled 1 Read: channel enabled Clear 1 Write: disable channel L RW CH11 Channel 11 enable clear register. Writing '0' has no effect Disabled 0 Read: channel disabled Enabled 1 Read: channel enabled Clear 1 Write: disable channel M RW CH12 Channel 12 enable clear register. Writing '0' has no effect Disabled 0 Read: channel disabled Enabled 1 Read: channel enabled Clear 1 Write: disable channel N RW CH13 Channel 13 enable clear register. Writing '0' has no effect Disabled 0 Read: channel disabled Enabled 1 Read: channel enabled Clear 1 Write: disable channel O RW CH14 Channel 14 enable clear register. Writing '0' has no effect Disabled 0 Read: channel disabled Enabled 1 Read: channel enabled Clear 1 Write: disable channel 4430_161 v1.0 220 |