| データシートサーチシステム |
|
NRF52810-QFAA-R データシート(PDF) 227 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R データシート(HTML) 227 Page - Nordic Semiconductor |
|
227 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW EEP Pointer to event register. Accepts only addresses to registers from the Event group. 6.11.2.23 CH[9].TEP Address offset: 0x55C Channel 9 task end-point Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW TEP Pointer to task register. Accepts only addresses to registers from the Task group. 6.11.2.24 CH[10].EEP Address offset: 0x560 Channel 10 event end-point Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW EEP Pointer to event register. Accepts only addresses to registers from the Event group. 6.11.2.25 CH[10].TEP Address offset: 0x564 Channel 10 task end-point Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW TEP Pointer to task register. Accepts only addresses to registers from the Task group. 6.11.2.26 CH[11].EEP Address offset: 0x568 Channel 11 event end-point 4430_161 v1.0 227 |