| データシートサーチシステム |
|
NRF52810-QFAA-R データシート(PDF) 279 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R データシート(HTML) 279 Page - Nordic Semiconductor |
|
279 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW ACCOF Write '1' to Enable interrupt for ACCOF event See EVENTS_ACCOF Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW DBLRDY Write '1' to Enable interrupt for DBLRDY event See EVENTS_DBLRDY Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW STOPPED Write '1' to Enable interrupt for STOPPED event See EVENTS_STOPPED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.13.7.3 INTENCLR Address offset: 0x308 Disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW SAMPLERDY Write '1' to Disable interrupt for SAMPLERDY event See EVENTS_SAMPLERDY Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW REPORTRDY Write '1' to Disable interrupt for REPORTRDY event See EVENTS_REPORTRDY Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW ACCOF Write '1' to Disable interrupt for ACCOF event See EVENTS_ACCOF Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW DBLRDY Write '1' to Disable interrupt for DBLRDY event See EVENTS_DBLRDY Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 4430_161 v1.0 279 |