| データシートサーチシステム |
|
NRF52810-QFAA-R データシート(PDF) 320 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R データシート(HTML) 320 Page - Nordic Semiconductor |
|
320 / 483 page ![]() Peripherals 6.15.3.2 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW VALRDY Write '1' to Enable interrupt for VALRDY event See EVENTS_VALRDY Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.15.3.3 INTENCLR Address offset: 0x308 Disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW VALRDY Write '1' to Disable interrupt for VALRDY event See EVENTS_VALRDY Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.15.3.4 CONFIG Address offset: 0x504 Configuration register Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW DERCEN Bias correction Disabled 0 Disabled Enabled 1 Enabled 6.15.3.5 VALUE Address offset: 0x508 Output random number 4430_161 v1.0 320 |