| データシートサーチシステム |
|
NRF52820-QDAA-R データシート(PDF) 397 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R データシート(HTML) 397 Page - Nordic Semiconductor |
|
397 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID Y X W V U T S R Q P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description Disabled 0 Read: Disabled Enabled 1 Read: Enabled L RW ENDISOIN Write '1' to enable interrupt for event ENDISOIN Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled M-T RW ENDEPOUT[i] (i=0..7) Write '1' to enable interrupt for event ENDEPOUT[i] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled U RW ENDISOOUT Write '1' to enable interrupt for event ENDISOOUT Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled V RW SOF Write '1' to enable interrupt for event SOF Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled W RW USBEVENT Write '1' to enable interrupt for event USBEVENT Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled X RW EP0SETUP Write '1' to enable interrupt for event EP0SETUP Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled Y RW EPDATA Write '1' to enable interrupt for event EPDATA Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.26.13.24 INTENCLR Address offset: 0x308 Disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID Y X W V U T S R Q P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW USBRESET Write '1' to disable interrupt for event USBRESET Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW STARTED Write '1' to disable interrupt for event STARTED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C-J RW ENDEPIN[i] (i=0..7) Write '1' to disable interrupt for event ENDEPIN[i] 4463_156 v1.0 397 |