| データシートサーチシステム |
|
NRF52820-QDAA-R データシート(PDF) 29 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R データシート(HTML) 29 Page - Nordic Semiconductor |
|
29 / 437 page ![]() Core components Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 ID Access Field Value ID Value Description A R FLASH Flash variant K128 0x80 128 kByte FLASH K256 0x100 256 kByte FLASH K512 0x200 512 kByte FLASH K1024 0x400 1 MByte FLASH K2048 0x800 2 MByte FLASH Unspecified 0xFFFFFFFF Unspecified 4.4.1.13 PRODTEST[n] (n=0..2) Address offset: 0x350 + (n × 0x4) Production test signature n Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 ID Access Field Value ID Value Description A R PRODTEST Production test signature n Done 0xBB42319F Production tests done NotDone 0xFFFFFFFF Production tests not done 4.4.1.14 TEMP.A0 Address offset: 0x404 Slope definition A0 Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 ID Access Field Value ID Value Description A R A A (slope definition) register. 4.4.1.15 TEMP.A1 Address offset: 0x408 Slope definition A1 Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 ID Access Field Value ID Value Description A R A A (slope definition) register. 4.4.1.16 TEMP.A2 Address offset: 0x40C Slope definition A2 4463_156 v1.0 29 |