| データシートサーチシステム |
|
NRF52820-QDAA-R データシート(PDF) 91 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R データシート(HTML) 91 Page - Nordic Semiconductor |
|
91 / 437 page ![]() Peripherals 6.2.5.4 EVENTS_RESOLVED Address offset: 0x104 Address resolved Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_RESOLVED Address resolved NotGenerated 0 Event not generated Generated 1 Event generated 6.2.5.5 EVENTS_NOTRESOLVED Address offset: 0x108 Address not resolved Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_NOTRESOLVED Address not resolved NotGenerated 0 Event not generated Generated 1 Event generated 6.2.5.6 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW END Write '1' to enable interrupt for event END Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW RESOLVED Write '1' to enable interrupt for event RESOLVED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW NOTRESOLVED Write '1' to enable interrupt for event NOTRESOLVED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.2.5.7 INTENCLR Address offset: 0x308 Disable interrupt 4463_156 v1.0 91 |