| データシートサーチシステム |
|
NRF52820-QDAA-R データシート(PDF) 28 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R データシート(HTML) 28 Page - Nordic Semiconductor |
|
28 / 437 page ![]() Core components 4.4.1.9 INFO.VARIANT Address offset: 0x104 Build code (hardware version and production configuration) Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 ID Access Field Value ID Value Description A R VARIANT Build code (hardware version and production configuration). Encoded as ASCII. AAAA 0x41414141 AAAA Unspecified 0xFFFFFFFF Unspecified 4.4.1.10 INFO.PACKAGE Address offset: 0x108 Package option Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 ID Access Field Value ID Value Description A R PACKAGE Package option QD 0x2007 QDxx - 40-pin QFN Unspecified 0xFFFFFFFF Unspecified 4.4.1.11 INFO.RAM Address offset: 0x10C RAM variant Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 ID Access Field Value ID Value Description A R RAM RAM variant K16 0x10 16 kByte RAM K32 0x20 32 kByte RAM K64 0x40 64 kByte RAM K128 0x80 128 kByte RAM K256 0x100 256 kByte RAM Unspecified 0xFFFFFFFF Unspecified 4.4.1.12 INFO.FLASH Address offset: 0x110 Flash variant 4463_156 v1.0 28 |