| データシートサーチシステム |
|
NRF52820-QDAA-R データシート(PDF) 62 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R データシート(HTML) 62 Page - Nordic Semiconductor |
|
62 / 437 page ![]() Power and clock management Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description Enabled 1 Read: Enabled 5.3.7.10 INTENCLR Address offset: 0x308 Disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW POFWARN Write '1' to disable interrupt for event POFWARN Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW SLEEPENTER Write '1' to disable interrupt for event SLEEPENTER Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW SLEEPEXIT Write '1' to disable interrupt for event SLEEPEXIT Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW USBDETECTED Write '1' to disable interrupt for event USBDETECTED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW USBREMOVED Write '1' to disable interrupt for event USBREMOVED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled F RW USBPWRRDY Write '1' to disable interrupt for event USBPWRRDY Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 5.3.7.11 RESETREAS Address offset: 0x400 Reset reason Unless cleared, the RESETREAS register will be cumulative. A field is cleared by writing '1' to it. If none of the reset sources are flagged, this indicates that the chip was reset from the on-chip reset generator, which will indicate a power-on-reset or a brownout reset. 4463_156 v1.0 62 |