| データシートサーチシステム |
|
NRF52820-QDAA-R データシート(PDF) 76 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R データシート(HTML) 76 Page - Nordic Semiconductor |
|
76 / 437 page ![]() Power and clock management Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_CAL Start calibration of LFRC Trigger 1 Trigger task 5.4.3.6 TASKS_CTSTART Address offset: 0x014 Start calibration timer Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_CTSTART Start calibration timer Trigger 1 Trigger task 5.4.3.7 TASKS_CTSTOP Address offset: 0x018 Stop calibration timer Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_CTSTOP Stop calibration timer Trigger 1 Trigger task 5.4.3.8 EVENTS_HFCLKSTARTED Address offset: 0x100 HFXO crystal oscillator started Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_HFCLKSTARTED HFXO crystal oscillator started NotGenerated 0 Event not generated Generated 1 Event generated 5.4.3.9 EVENTS_LFCLKSTARTED Address offset: 0x104 LFCLK started 4463_156 v1.0 76 |