| データシートサーチシステム |
|
NRF52820-QDAA-R データシート(PDF) 30 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R データシート(HTML) 30 Page - Nordic Semiconductor |
|
30 / 437 page ![]() Core components Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 ID Access Field Value ID Value Description A R A A (slope definition) register. 4.4.1.17 TEMP.A3 Address offset: 0x410 Slope definition A3 Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 ID Access Field Value ID Value Description A R A A (slope definition) register. 4.4.1.18 TEMP.A4 Address offset: 0x414 Slope definition A4 Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 ID Access Field Value ID Value Description A R A A (slope definition) register. 4.4.1.19 TEMP.A5 Address offset: 0x418 Slope definition A5 Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 ID Access Field Value ID Value Description A R A A (slope definition) register. 4.4.1.20 TEMP.B0 Address offset: 0x41C Y-intercept B0 4463_156 v1.0 30 |