| データシートサーチシステム |
|
NRF52820-QDAA-R データシート(PDF) 103 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R データシート(HTML) 103 Page - Nordic Semiconductor |
|
103 / 437 page ![]() Peripherals 6.4.9.1 TASKS_KSGEN Address offset: 0x000 Start generation of keystream. This operation will stop by itself when completed. Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_KSGEN Start generation of keystream. This operation will stop by itself when completed. Trigger 1 Trigger task 6.4.9.2 TASKS_CRYPT Address offset: 0x004 Start encryption/decryption. This operation will stop by itself when completed. Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_CRYPT Start encryption/decryption. This operation will stop by itself when completed. Trigger 1 Trigger task 6.4.9.3 TASKS_STOP Address offset: 0x008 Stop encryption/decryption Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_STOP Stop encryption/decryption Trigger 1 Trigger task 6.4.9.4 TASKS_RATEOVERRIDE Address offset: 0x00C Override DATARATE setting in MODE register with the contents of the RATEOVERRIDE register for any ongoing encryption/decryption 4463_156 v1.0 103 |