| データシートサーチシステム |
|
NRF52820-QDAA-R データシート(PDF) 126 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R データシート(HTML) 126 Page - Nordic Semiconductor |
|
126 / 437 page ![]() Peripherals Trigger n for triggering the corresponding TRIGGERED[n] event Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_TRIGGER Trigger n for triggering the corresponding TRIGGERED[n] event Trigger 1 Trigger task 6.7.1.2 EVENTS_TRIGGERED[n] (n=0..15) Address offset: 0x100 + (n × 0x4) Event number n generated by triggering the corresponding TRIGGER[n] task Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_TRIGGERED Event number n generated by triggering the corresponding TRIGGER[n] task NotGenerated 0 Event not generated Generated 1 Event generated 6.7.1.3 INTEN Address offset: 0x300 Enable or disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A-P RW TRIGGERED[i] (i=0..15) Enable or disable interrupt for event TRIGGERED[i] Disabled 0 Disable Enabled 1 Enable 6.7.1.4 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A-P RW TRIGGERED[i] (i=0..15) Write '1' to enable interrupt for event TRIGGERED[i] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 4463_156 v1.0 126 |