| データシートサーチシステム |
|
NRF52820-QDAA-R データシート(PDF) 155 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R データシート(HTML) 155 Page - Nordic Semiconductor |
|
155 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_DBLRDY Double displacement(s) detected Event generated when REPORTPER number of samples has been accumulated and the content of the ACCDBL register is not equal to 0. (Thus, this event is only generated if a double transition is detected since the previous clearing of the ACCDBL register). NotGenerated 0 Event not generated Generated 1 Event generated 6.11.7.10 EVENTS_STOPPED Address offset: 0x110 QDEC has been stopped Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_STOPPED QDEC has been stopped NotGenerated 0 Event not generated Generated 1 Event generated 6.11.7.11 SHORTS Address offset: 0x200 Shortcuts between local events and tasks Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW REPORTRDY_READCLRACC Shortcut between event REPORTRDY and task READCLRACC Disabled 0 Disable shortcut Enabled 1 Enable shortcut B RW SAMPLERDY_STOP Shortcut between event SAMPLERDY and task STOP Disabled 0 Disable shortcut Enabled 1 Enable shortcut C RW REPORTRDY_RDCLRACC Shortcut between event REPORTRDY and task RDCLRACC Disabled 0 Disable shortcut Enabled 1 Enable shortcut D RW REPORTRDY_STOP Shortcut between event REPORTRDY and task STOP Disabled 0 Disable shortcut Enabled 1 Enable shortcut E RW DBLRDY_RDCLRDBL Shortcut between event DBLRDY and task RDCLRDBL Disabled 0 Disable shortcut Enabled 1 Enable shortcut F RW DBLRDY_STOP Shortcut between event DBLRDY and task STOP Disabled 0 Disable shortcut 4463_156 v1.0 155 |