| データシートサーチシステム |
|
NRF52820-QDAA-R データシート(PDF) 209 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R データシート(HTML) 209 Page - Nordic Semiconductor |
|
209 / 437 page ![]() Peripherals 6.12.15.54 BASE0 Address offset: 0x51C Base address 0 Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW BASE0 Base address 0 6.12.15.55 BASE1 Address offset: 0x520 Base address 1 Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW BASE1 Base address 1 6.12.15.56 PREFIX0 Address offset: 0x524 Prefixes bytes for logical addresses 0-3 Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID D D D D D D D D C C C C C C C C B B B B B B B B A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A-D RW AP[i] (i=0..3) Address prefix i. 6.12.15.57 PREFIX1 Address offset: 0x528 Prefixes bytes for logical addresses 4-7 Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID D D D D D D D D C C C C C C C C B B B B B B B B A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A-D RW AP[i] (i=4..7) Address prefix i. 6.12.15.58 TXADDRESS Address offset: 0x52C Transmit address select 4463_156 v1.0 209 |