| データシートサーチシステム |
|
NRF52820-QDAA-R データシート(PDF) 228 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R データシート(HTML) 228 Page - Nordic Semiconductor |
|
228 / 437 page ![]() Peripherals Task starting the random number generator Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_START Task starting the random number generator Trigger 1 Trigger task 6.13.3.2 TASKS_STOP Address offset: 0x004 Task stopping the random number generator Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_STOP Task stopping the random number generator Trigger 1 Trigger task 6.13.3.3 EVENTS_VALRDY Address offset: 0x100 Event being generated for every new random number written to the VALUE register Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_VALRDY Event being generated for every new random number written to the VALUE register NotGenerated 0 Event not generated Generated 1 Event generated 6.13.3.4 SHORTS Address offset: 0x200 Shortcuts between local events and tasks Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW VALRDY_STOP Shortcut between event VALRDY and task STOP Disabled 0 Disable shortcut Enabled 1 Enable shortcut 6.13.3.5 INTENSET Address offset: 0x304 4463_156 v1.0 228 |