| データシートサーチシステム |
|
NRF52820-QDAA-R データシート(PDF) 233 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R データシート(HTML) 233 Page - Nordic Semiconductor |
|
233 / 437 page ![]() Peripherals RTC core TASK OR Task signal from PPI write task event EVENT m IRQ signal to NVIC INTEN m RTC EVTEN m Event signal to PPI Figure 83: Tasks, events, and interrupts in the RTC 6.14.7 Compare feature There are a number of Compare registers. For more information, see Registers on page 238. When setting a compare register, the following behavior of the RTC compare event should be noted: • If a CC register value is 0 when a CLEAR task is set, this will not trigger a COMPARE event. SysClk LFClk PRESC COUNTER CC[0] COMPARE[0] 0x000 X 0x000000 0x000000 0 CLEAR Figure 84: Timing diagram - COMPARE_CLEAR • If a CC register is N and the COUNTER value is N when the START task is set, this will not trigger a COMPARE event. 4463_156 v1.0 233 |