| データシートサーチシステム |
|
NRF52820-QDAA-R データシート(PDF) 285 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R データシート(HTML) 285 Page - Nordic Semiconductor |
|
285 / 437 page ![]() Peripherals 6.19.1.16 B3 Address offset: 0x54C y-intercept of fourth piecewise linear function Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A A A Reset 0x00000012 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 1 0 ID Access Field Value ID Value Description A RW B3 y-intercept of fourth piecewise linear function 6.19.1.17 B4 Address offset: 0x550 y-intercept of fifth piecewise linear function Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A A A Reset 0x00000124 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 1 0 0 1 0 0 ID Access Field Value ID Value Description A RW B4 y-intercept of fifth piecewise linear function 6.19.1.18 B5 Address offset: 0x554 y-intercept of sixth piecewise linear function Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A A A Reset 0x0000027C 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 1 1 1 1 1 0 0 ID Access Field Value ID Value Description A RW B5 y-intercept of sixth piecewise linear function 6.19.1.19 T0 Address offset: 0x560 End point of first piecewise linear function Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A Reset 0x000000E2 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 0 0 0 1 0 ID Access Field Value ID Value Description A RW T0 End point of first piecewise linear function 6.19.1.20 T1 Address offset: 0x564 End point of second piecewise linear function 4463_156 v1.0 285 |