| データシートサーチシステム |
|
NRF52820-QDAA-R データシート(PDF) 304 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R データシート(HTML) 304 Page - Nordic Semiconductor |
|
304 / 437 page ![]() Peripherals Compare event on CC[n] match Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_COMPARE Compare event on CC[n] match NotGenerated 0 Event not generated Generated 1 Event generated 6.21.5.8 SHORTS Address offset: 0x200 Shortcuts between local events and tasks Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A-F RW COMPARE[i]_CLEAR (i=0..5) Shortcut between event COMPARE[i] and task CLEAR Disabled 0 Disable shortcut Enabled 1 Enable shortcut G-L RW COMPARE[i]_STOP (i=0..5) Shortcut between event COMPARE[i] and task STOP Disabled 0 Disable shortcut Enabled 1 Enable shortcut 6.21.5.9 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A-F RW COMPARE[i] (i=0..5) Write '1' to enable interrupt for event COMPARE[i] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.21.5.10 INTENCLR Address offset: 0x308 Disable interrupt 4463_156 v1.0 304 |