| データシートサーチシステム |
|
NRF52820-QDAA-R データシート(PDF) 331 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R データシート(HTML) 331 Page - Nordic Semiconductor |
|
331 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_RESUME Resume TWI transaction Trigger 1 Trigger task 6.23.8.4 TASKS_PREPARERX Address offset: 0x030 Prepare the TWI slave to respond to a write command Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_PREPARERX Prepare the TWI slave to respond to a write command Trigger 1 Trigger task 6.23.8.5 TASKS_PREPARETX Address offset: 0x034 Prepare the TWI slave to respond to a read command Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_PREPARETX Prepare the TWI slave to respond to a read command Trigger 1 Trigger task 6.23.8.6 EVENTS_STOPPED Address offset: 0x104 TWI stopped Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_STOPPED TWI stopped NotGenerated 0 Event not generated Generated 1 Event generated 6.23.8.7 EVENTS_ERROR Address offset: 0x124 TWI error 4463_156 v1.0 331 |