| データシートサーチシステム |
|
RMLD232UAW データシート(PDF) 19 Page - Emerging Memory & Logic Solutions Inc |
|
|
|||||||||||||||||||||||||||||
RMLD232UAW データシート(HTML) 19 Page - Emerging Memory & Logic Solutions Inc |
|
19 / 50 page ![]() 19 Rev 0.7 64Mb Low Power DDR SDRAM Advanced DM masking The DDR SDRAM has a data mask function that can be used in conjunction with data write cycle, not read cycle. When the data mask is activated (DM high) during write operation, DDR SDRAM does not accept the corresponding data.(DM to data-mask latency is zero). DM must be issued at the rising or falling edge of data strobe. 0 1 2 3 4 5 6 7 8 CK CK Command NOP NOP NOP NOP DQS DQs Figure.13 DM masking timing < Burst Length=8 > NOP WRITE NOP NOP NOP Din 0 Din 1 Din 3 Din 2 Din 5 Din 4 Din 6 Din 7 tDQSSmax tWPRES tWPREH masked by DM=H DM |