| データシートサーチシステム |
|
RMLD232UAW データシート(PDF) 42 Page - Emerging Memory & Logic Solutions Inc |
|
|
|||||||||||||||||||||||||||||
RMLD232UAW データシート(HTML) 42 Page - Emerging Memory & Logic Solutions Inc |
|
42 / 50 page ![]() 42 Rev 0.7 64Mb Low Power DDR SDRAM Advanced Write with Auto Precharge (@BL=8) NOTE : 1. The row active command of the precharge bank can be issued after tRP from this point The new read/write command of another activated bank can be issued from this point At burst read/write with auto precharge, CAS interrupt of the same bank is illegal. 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 CK CK CKE HIGH Active CS RAS CAS BA0, BA1 A10/AP ADDR (A0~An) WE DQS DQ DM COMMAND : Don’t Care Da0 Da1Da2Da3Da4Da5Da6Da7 WRITE BAa tRP tWR Auto Precharge start Note 1 BAa Ra Ca Cb |