| データシートサーチシステム |
|
M306V2EEFS データシート(PDF) 205 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M306V2EEFS データシート(HTML) 205 Page - Renesas Technology Corp |
|
205 / 271 page ![]() Rev.1.40 Oct 06, 2004 page 205 of 269 M306V2ME-XXXFP, M306V2EEFP (3) OSD RAM (OSD RAM for SPRITE, addresses 100016 to 13E716) The OSD RAM for SPRITE fonts 1 and 2, consisting of 4 planes for each font, is assigned to ad- dresses 100016 to 13E716. Each plane corresponds to each color palette selection bit and the color palette of each dot is determined from among 16 kinds. Table 2.16.8 OSD RAM address (SPRITE font 1) Dot number Dot structure of SPRITE font Plane 2 Plane 3 Plane 1 Plane 0 Line number Planes Plane 3 Plane 2 Plane 1 Plane 0 (Color paleltte selection bit 3) (Color paleltte selection bit 2) (Color paleltte selection bit 1) (Color paleltte selection bit 0) Dots 1 to 8 9 to 16 17 to 24 25 to 32 1 to 8 9 to 16 17 to 24 25 to 32 1 to 8 9 to 16 17 to 24 25 to 32 1 to 8 9 to 16 17 to 24 25 to 32 Bits b7 to b0 b7 to b0 b7 to b0 b7 to b0 b7 to b0 b7 to b0 b7 to b0 b7 to b0 b7 to b0 b7 to b0 b7 to b0 b7 to b0 b7 to b0 b7 to b0 b7 to b0 b7 to b0 Line 1 10C016 10C116 11C016 11C116 108016 108116 118016 118116 104016 104116 114016 114116 100016 100116 110016 110116 Line 2 10C216 10C316 11C216 11C316 108216 108316 118216 118316 104216 104316 114216 114316 100216 100316 110216 110316 • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • Line 19 10E416 10E516 11E416 11E516 10A416 10A516 11A416 11A516 106416 106516 116416 116516 102416 102516 112416 112516 Line 20 10E616 10E716 11E616 11E716 10A616 10A716 11A616 11A716 106616 106716 116616 116716 102616 102716 112616 112716 Planes Plane 3 Plane 2 Plane 1 Plane 0 (Color paleltte selection bit 3) (Color paleltte selection bit 2) (Color paleltte selection bit 1) (Color paleltte selection bit 0) Dots 1 to 8 9 to 16 17 to 24 25 to 32 1 to 8 9 to 16 17 to 24 25 to 32 1 to 8 9 to 16 17 to 24 25 to 32 1 to 8 9 to 16 17 to 24 25 to 32 Bits b7 to b0 b7 to b0 b7 to b0 b7 to b0 b7 to b0 b7 to b0 b7 to b0 b7 to b0 b7 to b0 b7 to b0 b7 to b0 b7 to b0 b7 to b0 b7 to b0 b7 to b0 b7 to b0 Line 1 12C016 12C116 13C016 13C116 128016 128116 138016 138116 124016 124116 134016 134116 120016 120116 130016 130116 Line 2 12C216 12C316 13C216 13C316 128216 128316 138216 138316 124216 124316 134216 134316 120216 120316 130216 130316 • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • Line 19 12E416 12E516 13E416 13E516 12A416 12A516 13A416 13A516 126416 126516 136416 136516 122416 122516 132416 132516 Line 20 12E616 12E716 13E616 13E716 12A616 12A716 13A616 13A716 126616 126716 136616 136716 122616 122716 132616 132716 123456789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 123456789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 123456789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 123456789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 Table 2.16.9 OSD RAM address (SPRITE font 2) |