| データシートサーチシステム |
|
M306V2EEFS データシート(PDF) 207 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M306V2EEFS データシート(HTML) 207 Page - Renesas Technology Corp |
|
207 / 271 page ![]() Rev.1.40 Oct 06, 2004 page 207 of 269 M306V2ME-XXXFP, M306V2EEFP Figure 2.16.26 Color palette selection Color palette 1 Color palette 2 Color palette 3 Color palette 4 Color palette 5 Color palette 6 Color palette 7 Color palette 8 (Black) Color palette 9 Color palette 10 Color palette 11 Color palette 12 Color palette 13 Color palette 14 Color palette 15 Color palette 0 (Transparent) OSDS/L/P mode (character, background) CDOSD mode (character) (See note 2) SPRITE display CC mode (character) CC mode (background) Any palette can be selected. Select one palette in screen units. (See note 1) (See note 1) Notes 1: Color palettes are selected by OSD control register 3 (address 020716). 2: Only in CDOSD mode, a dot which selects color palette 0 or 8 is colored to of OSD RAM in character units. Select either palette in screen units. |