| データシートサーチシステム |
|
M306V2EEFS データシート(PDF) 210 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M306V2EEFS データシート(HTML) 210 Page - Renesas Technology Corp |
|
210 / 271 page ![]() Rev.1.40 Oct 06, 2004 page 210 of 269 M306V2ME-XXXFP, M306V2EEFP Figure 2.16.30 Color palette register i (i = 1 to 7, 9 to 15) Color palette register i b7 b6 b5 b4 b3 b2 b1 b0 (b15) b7 (b8) b0 b6 b5 b4 b3 b2 b1 Symbol Addresses When reset CRi (i = 1 to 7) Even addresses within addresses 024016 to 024D16, Indeterminate Odd addresses within addresses 024016 to 024D16 CRi (i = 8 to 15) Even addresses within addresses 024E16 to 025B16, Indeterminate Odd addresses within addresses 024E16 to 025B16 Bit symbol CRi_2 to CRi_0 R signal output control bits Bit name Function R W b2 b1 b0 0 0 0 : VSS 0 0 1 : 1/7VCC 0 1 0 : 2/7VCC 0 1 1 : 3/7VCC 1 0 0 : 4/7VCC 1 0 1 : 5/7VCC 1 1 0 : 6/7VCC 1 1 1 : VCC CRi_6 to CRi_4 G signal output control bits b6 b5 b4 0 0 0 : VSS 0 0 1 : 1/7VCC 0 1 0 : 2/7VCC 0 1 1 : 3/7VCC 1 0 0 : 4/7VCC 1 0 1 : 5/7VCC 1 1 0 : 6/7VCC 1 1 1 : VCC CRi_10 to CRi_8 B signal output control bits b10 b9 b8 0 0 0 : VSS 0 0 1 : 1/7VCC 0 1 0 : 2/7VCC 0 1 1 : 3/7VCC 1 0 0 : 4/7VCC 1 0 1 : 5/7VCC 1 1 0 : 6/7VCC 1 1 1 : VCC CRi_12 OUT1 signal output control bit 0: No output 1: Output Nothing is assined. In an attempt to write to this bit, write “0.” The value, if read, turns out to be indeterminate. Nothing is assined. In an attempt to write to this bit, write “0.” The value, if read, turns out to be indeterminate. Nothing is assined. In an attempt to write to this bit, write “0.” The value, if read, turns out to be indeterminate. Nothing is assined. In an attempt to write to this bit, write “0.” The value, if read, turns out to be indeterminate. Rev. 1.2 |