| データシートサーチシステム |
|
HD64F2149YV データシート(PDF) 990 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV データシート(HTML) 990 Page - Renesas Technology Corp |
|
990 / 1075 page ![]() Appendix B Internal I/O Registers Rev. 3.00 Jan 18, 2006 page 962 of 1044 REJ09B0280-0300 SYSCR—System Control Register H'FFC4 System 7 CS2E 0 R/W 6 IOSE 0 R/W 5 INTM1 0 R 4 INTM0 0 R/W 3 XRST 1 R 0 RAME 1 R/W 2 NMIEG 0 R/W 1 HIE 0 R/W Bit Initial value Read/Write RAM Enable 0 On-chip RAM is disabled 1 On-chip RAM is enabled Host interface enable 0 Addresses H'(FF)FFF0 to H'(FF)FFF7 and H'(FF)FFFC to H'(FF)FFFF are used for access to 8-bit timer (channel X and Y) data registers and control registers, and timer connection control registers 1 Addresses H'(FF)FFF0 to H'(FF)FFF7 and H'(FF)FFFC to H'(FF)FFFF are used for access to host interface data registers and control registers, and keyboard controller and MOS input pull-up control registers NMI edge select 0 Falling edge 1 Rising edge External reset 0 Reset generated by watchdog timer overflow 1 Reset generated by an external reset Interrupt control selection mode 1 and 0 INTM1 Bit 5 Interrupts controlled by I bit (Initial value) Interrupts controlled by I and UI bits, and ICR Cannot be used in the LSI Cannot be used in the LSI INTM0 Bit 4 Interrupt control mode Description 0 1 00 1 2 3 1 0 1 CS2 enable 0 CS2 pin function halted ( CS2 fixed high internally) 0 CS2E FGA20E 1 1 CS2 pin function selected for P81/CS2 pin 0 CS2 pin function selected for P90/ECS2 pin 1 Description SYSCR Bit 7 HICR Bit 0 IOS enable 0 The AS/IOS pin functions as the address strobe pin (Low output when accessing an external area) 1 The AS/IOS pin functions as the I/O strobe pin (Low output when accessing a specified address from H'(FF)F000 to H'(FF)F7FF) |